PART |
Description |
Maker |
PI3B16210VE PI3B16210A PI3B16210BE PI3B16210AE PI3 |
3.3V, 20-Bit, 2-Port NanoSwitch 3.3伏,20位,2端口NanoSwitch 3.3V/ Hot Insertion 20-Bit/ 2-Port BusSwitch 3.3V/ 20-Bit/ 2-Port NanoSwitch
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. Pericom Technology
|
CAT9554 CAT9554A CAT9554AWI-G CAT9554AWI-GT2 |
I<sup>2</sup>C / SMBUS Expander, 8-bit, w/int 8-bit I2C and SMBus I/O Port with Interrupt 8-bit I虏C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
http:// ON Semiconductor
|
AM4J-67206L-12 AM4J-67206L-25 AM4J-67206V-15 AM4J- |
90NS, LCC, 883C; LEVEL B FULLY COMPLIANT(EEPROM) 90NS, TSOP, IND TEMP, GREEN(EEPROM) 120NS, PLCC, AUTO TEMP(EEPROM) 120NS, CERDIP, 883C; LEV B COMPLIANT(EEPROM) 120NS, LCC, 883C; LEV B FULLY COMPLIANT(EEPROM) 8-Bit Video ADC Switched-Capacitor Voltage Converter with Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 10 Bit, 25MSPS, 135mW ADC The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Low-Voltage, Low On-State Resistance SPST CMOS Analog Switches 5-SOT-23 -40 to 85 x9 Asynchronous FIFO X9热卖异步FIFO Single Supply RS232C Line Driver/Receiver(氓??莽?碌忙潞?RS232C 莽潞驴忙?露氓??氓?篓茂录?2氓??2忙?露茂录?)
|
Kingbright, Corp.
|
7025E 7025ERPQB-45 7025ERPQS-45 7025ERPQB-35 7025E |
(8K x 16-Bit) Dual Port RAM High-Speed CMOS 8K X 16 DUAL-PORT SRAM, 35 ns, QFP84
|
Maxwell Technologies, Inc
|
AM29707 AM29707ADCB AM29707ADMB AM29707AFCB AM2970 |
16-WORDBY4-BIT2-PORTRAM 16-WORD BY 4-BIT 2-PORT RAM 16 word by 4-Bit 2-Port RAM
|
Advanced Micro Devices, Inc.
AMD
|
PW-82520N3-100 PW-82521N3-100 PW-82520N3-440 PW-82 |
QTR PWR,L FEAT,30,CERAM JLCC,883C;LEV B(EPLD) QTR PWR,L FEAT,30NS,CERA JLCC,883C;LEV B(EPLD) 20NS,CERAM JLCC,883C; LEV B COMPLIANT(EPLD) 25NS,CERAMIC JLCC,MIL TEMP(EPLD) 30NS, CERDIP, IND TEMP(EPLD) 12NS, OTP, PLCC, COM TEMP(EPLD) 5V, 20MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 1.8V, 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 5V, 20MHZ, SOIC, IND TEMP, GREEN(MCU AVR) STK600 adapter for all SOIC devices(MCU AVR) 工业控制IC 1.8V, 1MHZ, PDIP, IND TEMP(MCU AVR) 工业控制IC 5V, 20 MHZ, MLF, IND TEMP, GREEN(MCU AVR) 工业控制IC 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 工业控制IC Industrial Control IC 工业控制IC 10MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 工业控制IC 5V, 8MHZ, PDIP, COM TEMP(MCU AVR) 工业控制IC 5V, 20MHZ, PDIP, IND TEMP(MCU AVR) 1.8V, 10 MHz, MLF, IND TEMP, GREEN(MCU AVR) 1.8V, 10MHZ, SOIC, IND TEMP, GREEN(MCU AVR) 1.8V, 1MHz, PDIP, IND TEMP, GREEN(MCU AVR) 1.8V, 10MHZ, MLF, IND TEMP, GREEN(MCU AVR)
|
Merrimac Industries, Inc. Bourns, Inc. TE Connectivity, Ltd. Ecliptek, Corp. Bivar, Inc. The Connor-Winfield, Corp. NXP Semiconductors N.V. Advanced Interconnections, Corp. Glenair, Inc. Sumida, Corp.
|
FM3560M20 FM3560MT20 FM3540CM14 FM3540CMT14 FM3540 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches 4/5 Bit Multiplexed,1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed/ 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADG3247BRU-U1 ADG3247BCP-U1 ADG3247BCP-REEL7 |
2.5 V/3.3 V, 16 Bit (Dual 8 Bit) , 2 Port Level Translator, Bus Switch
|
Analog Devices
|
MAX11311 |
PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
|
Maxim Integrated Produc...
|
|